データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNF1048F データシート(PDF) 47 Page - STMicroelectronics

部品番号 VNF1048F
部品情報  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048F データシート(HTML) 47 Page - STMicroelectronics

Back Button VNF1048F Datasheet HTML 43Page - STMicroelectronics VNF1048F Datasheet HTML 44Page - STMicroelectronics VNF1048F Datasheet HTML 45Page - STMicroelectronics VNF1048F Datasheet HTML 46Page - STMicroelectronics VNF1048F Datasheet HTML 47Page - STMicroelectronics VNF1048F Datasheet HTML 48Page - STMicroelectronics VNF1048F Datasheet HTML 49Page - STMicroelectronics VNF1048F Datasheet HTML 50Page - STMicroelectronics VNF1048F Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Date
Version
Changes
- Section 4.2 External FET VDS Detection Self Test
- Section 5.4 External MOSFET desaturation shut-down
- Section 6.14 Status Registers
- Section 7 Operating modes
- Figure 16. Application diagram
06-May-2022
5
Updated :
•
Features in cover page
•
Figure 2. Configuration diagram (top view)
•
Table 2. Absolute maximum rating
•
Table 4. Supply specification
•
Table 13. Current sense amplifier with integrated ADC
•
Section 4.1 Current Sense Self Test
•
Figure 6. Current sense self test flow sequence
•
Section 4.2 External FET VDS Detection Self Test
•
Figure 7. VDS monitor self test flow sequence
•
Figure 8. External FET Stuck-on self test - flow sequence for entry
•
Section 5.1 Battery under-voltage shut-down
•
Table 34. ROM Memory Map (ID 12.2)
Minor text changes.
27-May-2022
6
Modified Table 2. Absolute maximum rating
Modified Figure 14. Timeout watchdog
Minor text changes.
VNF1048F
DS13084 - Rev 6
page 47/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52