| データシートサーチシステム |
|
UPD17708 データシート(PDF) 298 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 298 Page - Renesas Technology Corp |
|
298 / 358 page ![]() 296 µPD17704, 17705, 17707, 17708, 17709 Example Releasing halt status by timer 0 and INT0 pin interrupts In this example, the halt status is released and processing B is executed when timer 0 interrupt is accepted. And processing A is executed when INT0 pin interrupt is accepted. Each time the halt status has been released, processing C is executed. HLTINT DAT 1000B ; Symbol definition START: ; Address 0000H BR MAIN ;*** Interrupt vector address *** NOP ; SI01 NOP ; SI00 NOP ; TIMER3 NOP ; TIMER2 NOP ; TIMER1 BR INTTM0 ; Branches to timer 0 interrupt processing NOP ; INT4 NOP ; INT3 NOP ; INT2 NOP ; INT1 BR INT0 ; Branches to INT0 interrupt processing NOP ; CE DOWN EDGE INT0: ; INT0 pin interrupt vector address (000BH) Processing A ; INT0 pin interrupt processing EI RETI INTMM0: Processing B ; Timer 0 interrupt processing EI RETI MAIN: INITFLG NOT TMOCK1, TM0CK0 ; Sets timer 0 count clock to 100 µs MOV DBF1, #0 MOV DBF0, #0AH PUT TM0M,DBF ; Sets time interval of timer 0 interrupt to 1 ms SET2 TM0RES, TM0EN ; Resets and starts timer 0 SET2 IPTM0, IP0 ; Enables INT0 and timer 0 interrupts LOOP: Processing C ; Main routine processing EI ; Enables all interrupts HALT HLTINT ; Specifies releasing halt status by interrupt ;<1> BR LOOP If the INT0 pin interrupt request and timer 0 interrupt request are issued simultaneously in the halt status, processing A for the INT0 pin, which has the higher hardware priority, is executed. After execution of processing A and when “RETI” is executed, the program branches to the “BR LOOP” instruction of <1>. However, the “BR LOOP” instruction is not executed, and timer 0 interrupt is immediately accepted. When the “RETI” instruction is executed after processing B of timer 0 interrupt has been executed, the “BR LOOP” instruction is executed. |