| データシートサーチシステム |
|
UPD17708 データシート(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 34 Page - Renesas Technology Corp |
|
34 / 358 page ![]() µPD17704, 17705, 17707, 17708, 17709 32 3.3 Stack Pointer (SP) 3.3.1 Configuration and function of stack pointer Figure 3-3 shows the configuration and functions of the stack pointer. The stack pointer consists of a 4-bit binary counter. It specifies the address of an address stack register. A value can be directly read from or written to the stack pointer by using a register manipulation instruction. Figure 3-3. Configuration and Function of Stack Pointer Retained Power-ON reset WDT&SP reset CE reset Clock stop Name Flag symbol b3 S P 3 b2 S P 2 b1 S P 1 b0 S P 0 Address 01H Read/Write R/W Stack pointer (SP) 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 1 1 1 Address 0 (ASR0) Address 1 (ASR1) Address 2 (ASR2) Address 3 (ASR3) Address 4 (ASR4) Address 5 (ASR5) Address 6 (ASR6) Address 7 (ASR7) Address 8 (ASR8) Address 9 (ASR9) Address 10 (ASR10) Address 11 (ASR11) Address 12 (ASR12) Address 13 (ASR13) Address 14 (ASR14) Setting prohibited Specifies address of address stack register (ASR) 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 1 1 1 Power-ON reset WDT&SP reset CE reset Clock stop : Reset by RESET pin up on power application : Reset by watchdog timer and stack pointer : CE reset : Upon execution of clock stop instruction |