| データシートサーチシステム |
|
UPD17708 データシート(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 92 Page - Renesas Technology Corp |
|
92 / 358 page ![]() µPD17704, 17705, 17707, 17708, 17709 90 9.4 Cautions on Using Data Buffer Keep the following points in mind concerning the unused peripheral addresses, write-only peripheral register (PUT only), and read-only peripheral register (GET only) when transferring data with the peripheral hardware via data buffer. • An “undefined value” is read if a write-only register is read. • Nothing is affected even if a read-only register is written. • An “undefined value” is read if an unused address is read. Nor is anything affected if this address is written. |