| データシートサーチシステム |
|
UPD17708 データシート(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 31 Page - Renesas Technology Corp |
|
31 / 358 page ![]() 29 µPD17704, 17705, 17707, 17708, 17709 2.5 Cautions on Using Program Memory 2.5.1 Last address in each segment The segment register is not connected to the binary counter. Therefore, address 0000H of segment 0 is specified next to address 1FFFH, which is the last address of segment 0. To specify between segments, a dedicated instruction such as an indirect branch, indirect subroutine call, or system call instruction is used. |