データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 36 Page - Renesas Technology Corp

部品番号 UPD17708
部品情報  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 データシート(HTML) 36 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 32Page - Renesas Technology Corp UPD17708 Datasheet HTML 33Page - Renesas Technology Corp UPD17708 Datasheet HTML 34Page - Renesas Technology Corp UPD17708 Datasheet HTML 35Page - Renesas Technology Corp UPD17708 Datasheet HTML 36Page - Renesas Technology Corp UPD17708 Datasheet HTML 37Page - Renesas Technology Corp UPD17708 Datasheet HTML 38Page - Renesas Technology Corp UPD17708 Datasheet HTML 39Page - Renesas Technology Corp UPD17708 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
34
3.5 Cautions on Using Address Stack
3.5.1 Nesting level and operation on overflow
The value of address stack register (ASR15) is “undefined” when the value of the stack pointer is 0FH.
Accordingly, if a subroutine call or system call exceeding 15 levels, or an interrupt is used without
manipulating the stack, execution returns to an “undefined” address.
3.5.2 Reset on detection of overflow or underflow of address stack
Whether the device is reset on detection of overflow or underflow of the address stack can be specified by
program. At reset, the program is started from address 0, and some control registers are initialized.
This reset function is valid at power-ON reset or reset by the RESET pin. For details, refer to 21. RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More