データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 57 Page - Renesas Technology Corp

部品番号 UPD17708
部品情報  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 データシート(HTML) 57 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 53Page - Renesas Technology Corp UPD17708 Datasheet HTML 54Page - Renesas Technology Corp UPD17708 Datasheet HTML 55Page - Renesas Technology Corp UPD17708 Datasheet HTML 56Page - Renesas Technology Corp UPD17708 Datasheet HTML 57Page - Renesas Technology Corp UPD17708 Datasheet HTML 58Page - Renesas Technology Corp UPD17708 Datasheet HTML 59Page - Renesas Technology Corp UPD17708 Datasheet HTML 60Page - Renesas Technology Corp UPD17708 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 358 page
background image
55
µPD17704, 17705, 17707, 17708, 17709
5.8.2 Function of program status word
The program status word is a register that sets the conditions under which the ALU (Arithmetic Logic Unit)
executes an operation or data transfer, or indicates the result of an operation.
Table 5-2 outlines the function of each flag of the program status word.
For details, refer to 7. ALU (Arithmetic Logic Unit) BLOCK.
Table 5-2. Outline of Function of Each Flag of Program Status Word
5.8.3 Cautions on using program status word
When an arithmetic operation (addition or subtraction) is executed to the program status word, the “result”
of the arithmetic operation is stored.
For example, even if an operation that generates a carry is executed, if the result of the operation is 0000B,
0000B is stored to the PSW.
Program Status
Word (PSWORD)
RPL
PSW
b3
b2
b1
b0
B
C
D
b3
C
M
P
b2
C
Y
b1
Z
b0
I
X
E
Flag Name
Index enable flag
(IXE)
Zero flag
(Z)
Carry flag
(CY)
Compare flag
(CMP)
BCD flag
(BCD)
Function
Modifies address of data memory when data memory
manipulation instruction is exeuted.
0 : Does not modify
1 : Modifies
Indicates result of arithmetic operation is zero.
Status of this flag differs depending on contents of compare
flag.
Indicates occurrence of carry or borrow as result of execution
of addition or subtraction instruction.
This flag is reset to 0 if no carry or borrow occurs.
It is set to 1 if carry or borrow occurs.
This flag is also used as shift bit of “RORC r” instruction.
Indicates whether result of arithmetic operation is stored to
data memory or general register.
0 : Stores result.
1 : Does not store result.
Indicates whether arithmetic operation is performed in decimal
or binary.
0 : Binary operation
1 : Decimla operation
(RP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More