| データシートサーチシステム |
|
UPD17708 データシート(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 87 Page - Renesas Technology Corp |
|
87 / 358 page ![]() 85 µPD17704, 17705, 17707, 17708, 17709 9. DATA BUFFER (DBF) 9.1 Outline of Data Buffer Figure 9-1 outlines the data buffer. The data buffer is located on the data memory and has the following two functions. • Reads constant data on the program memory (table reference) • Transfers data with the peripheral hardware units Figure 9-1. Outline of Data Buffr Data buffer Data write (PUT) Data read (GET) Table reference (MOVT) Peripheral hardware Constant data Program memory |