| データシートサーチシステム |
|
UPD17708 データシート(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 90 Page - Renesas Technology Corp |
|
90 / 358 page ![]() µPD17704, 17705, 17707, 17708, 17709 88 Table 9-1. Relationships between Peripheral Hardware and Data Buffer (1/2) Peripheral Hardware Peripheral Register Transferring Data with Data Buffer Name Symbol Peripheral Execution of I/O Actual address PUT/GET bit bit instruction A/D converter A/D converter reference ADCR 02H PUT/GET 8 8 voltage setting register Serial interface Serial interface 0 Presettable shift register 0 SIO0SFR 03H PUT/GET 8 8 Serial interface 1 Presettable shift register 1 SIO1SFR 04H Timer 0 Timer 0 modulo register TM0M 1AH PUT/GET 8 8 Timer 0 counter TM0C 1BH GET 8 8 Timer 1 Timer 1 modulo register TM1M 1CH PUT/GET 8 8 Timer 1 counter TM1C 1DH GET 8 8 Timer 2 Timer 2 modulo register TM2M 1EH PUT/GET 8 8 Timer 2 counter TM2C 1FH GET 8 8 Address register Address register AR 40H PUT/GET 16 16 Data buffer stack DBF stack DBFSTK 41H PUT/GET 16 16 PLL frequency synthesizerNote PLL data register PLLR 42H PUT/GET 16 16 Frequency counter IF counter data register IFC 43H GET 16 16 D/A converter P1B0/PWM0 pin PWM data register 0 PWMR0 44H PUT/GET 16 9 (PWM output) P1B1/PWM1 pin PWM data register 1 PWMR1 45H P1B2/PWM2 pin PWM data register 2 PWMR2 46H PUT/GET 16 9 Timer 3 Timer 3 modulo register TM3M 8 Note The programmable counter of the PLL frequency synthesizer is configured of 17 bits, of which the high- order 16 bits indicate the PLL data register (PLLR) and the low-order bits are allocated to the PLLSCNF flag (the third bit of address 10H). For details, refer to 17. PLL FREQUENCY SYNTHESIZER. |