| データシートサーチシステム |
|
UPD17708 データシート(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 59 Page - Renesas Technology Corp |
|
59 / 358 page ![]() 57 µPD17704, 17705, 17707, 17708, 17709 6.3 Generating Address of General Register by Each Instruction The following sections 6.3.1 and 6.3.2 explain how the address of the general register is generated when each instruction is executed. For the details of the operation of each instruction, refer to 7. ALU (Arithmetic Logic Unit) BLOCK. 6.3.1 Add (“ADD r, m”, “ADDC r, m”) , subtract (“SUB r, m”, “SUBC r, m”) , logical operation (“AND r, m”, “OR r, m”, “XOR r, m”), direct transfer (“LD r, m”, “ST m, r”), and rotation (“RORC r”) instructions Table 6-1 shows the address of the general register specified by operand “r” of an instruction. Operand “r” of an instruction specifies only a column address. Table 6-1. Generating Address of General Register 6.3.2 Indirect transfer (“MOV @r, m”, “MOV m, @r”) instruction Table 6-2 shows a general register address specified by instruction operand “r” and an indirect transfer address specified by “@r”. Table 6-2. Generating Address of General Register 6.4 Cautions on Using General Register 6.4.1 Row address of general register Because the row address of the general register is specified by the general register pointer, the currently specified bank may differ from the bank of the general register. 6.4.2 Operation between general register and immediate data No instruction is available that executes an operation between the general register and immediate data. To execute an operation between the general register and immediate data, the general register must be treated as a data memory area. General register address Column address Row address Bank b3 b2 b1 b0 b2 b1 b0 b3 b2 b1 b0 r Contents of general register pointer General register address Indirect transfer address Column address Row address Bank b3 b2 b1 b0 b2 b1 b0 b3 b2 b1 b0 r Contents of general register pointer Contents of “r” Same as data memory |