| データシートサーチシステム |
|
UPD17708 データシート(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 119 Page - Renesas Technology Corp |
|
119 / 358 page ![]() 117 µPD17704, 17705, 17707, 17708, 17709 12. INTERRUPT 12.1 Outline of Interrupt Block Figure 12-1 outlines the interrupt block. As shown in the figure, the interrupt block temporarily stops the currently executed program and branches execution to a vector address in response to an interrupt request output by a peripheral hardware unit. The interrupt block consists of an “interrupt request servicing block” corresponding to each peripheral hardware unit, “interrupt enable flip-flop” that enables all interrupts, “stack pointer” that is controlled when an interrupt is accepted, “address stack registers”, “program counter”, and “interrupt stack”. The “interrupt control block” of each peripheral hardware unit consists of an “interrupt request flag (IRQ ×××)” that detects the corresponding interrupt request, “interrupt enable flag (IP ×××)” that enables the interrupt, and “vector address generator (VAG)” that specifies a vector address when the interrupt is accepted. The µPD17709 has the following 12 types of maskable interrupts. • CE pin falling edge interrupt • INT0 through INT4 interrupts • Timer 0 through timer 3 interrupts • Serial interface 0 and serial interface 1 interrupts When an interrupt is accepted, execution branches to a predetermined address, and the interrupt is serviced. |