| データシートサーチシステム |
|
UPD17708 データシート(PDF) 187 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 187 Page - Renesas Technology Corp |
|
187 / 358 page ![]() 185 µPD17704, 17705, 17707, 17708, 17709 13.5.5 Error of timer 2 Timer 2 has an error of up to 1 basic clock in the following cases. (1) On starting/stopping counter The counter is started or stopped by setting the TM2EN flag. Therefore, an error of 0 to +1 clocks occurs when the TM2EN flag is set, and an error of –1 to 0 clocks occurs when the flag is reset. In all, an error of ±1 count occurs. (2) On resetting counter operation An error of 0 to +1 clocks occurs when the counter is reset. (3) On selecting basic clock during counter operation An error of 0 to +1 clocks of the newly selected clock occurs. 13.5.6 Cautions on using timer 2 Timer 2 interrupt may occur simultaneously with the other timer interrupts and CE reset. If it is necessary to update the timer at CE reset, do not use timer 2, use basic timer 0 instead. |