データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 196 Page - Renesas Technology Corp

部品番号 UPD17708
部品情報  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 データシート(HTML) 196 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 192Page - Renesas Technology Corp UPD17708 Datasheet HTML 193Page - Renesas Technology Corp UPD17708 Datasheet HTML 194Page - Renesas Technology Corp UPD17708 Datasheet HTML 195Page - Renesas Technology Corp UPD17708 Datasheet HTML 196Page - Renesas Technology Corp UPD17708 Datasheet HTML 197Page - Renesas Technology Corp UPD17708 Datasheet HTML 198Page - Renesas Technology Corp UPD17708 Datasheet HTML 199Page - Renesas Technology Corp UPD17708 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
194
14.2 Input Selection Block
Figure 14-2 shows the configuration of the input selection block.
The input selection block selects a pin to be used by using the ADCCH2 through ADCCH0 flags. Only one
pin can be used for the A/D converter. When one of the P0D0/AD0 through P0D3/AD3, P1C2/AD4, and P1C3/
AD5 pins is selected, the other five pins are forcibly set in the input port mode.
The P0D0/AD0 through P0D3/AD3 pins can be connected to a pull-down resistor if so specified by the P0DPL0
through P0DPLD3 flags.
To use the P0D0/AD0 through P0D3/AD3 pins for the A/D converter, therefore,
disconnect their pull-down resistors to correctly detect an external input analog voltage.
Figure 14-3 shows the configuration of the A/D converter channel selection register.
Figure 14-2. Configuration of Input Selection Block
P1C3/AD5
P1C2/AD4
P0D3/AD3
P0D2/AD2
P0D1/AD1
P0D0/AD0
Selector
Each I/O port
ADCCH2
ADCCH1
ADCCH0
Compare block
VADCIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More