データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 252 Page - Renesas Technology Corp

部品番号 UPD17708
部品情報  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 データシート(HTML) 252 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 248Page - Renesas Technology Corp UPD17708 Datasheet HTML 249Page - Renesas Technology Corp UPD17708 Datasheet HTML 250Page - Renesas Technology Corp UPD17708 Datasheet HTML 251Page - Renesas Technology Corp UPD17708 Datasheet HTML 252Page - Renesas Technology Corp UPD17708 Datasheet HTML 253Page - Renesas Technology Corp UPD17708 Datasheet HTML 254Page - Renesas Technology Corp UPD17708 Datasheet HTML 255Page - Renesas Technology Corp UPD17708 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 358 page
background image
250
µPD17704, 17705, 17707, 17708, 17709
(4) Interrupt request issuance timing
An interrupt request is issued at the rising of the shift clock when the value of the clock counter is “8”.
(5) Shift clock generation timing
(a) On releasing wait status from initial status
The initial status is the status when the P0B2/SCK1 pin is set in the output mode and the internal clock
operation is selected.
In the wait status, a high level is output to the shift clock pin.
The wait status can be released and a clock can be selected at the same time.
Figure 16-20. Shift Clock Generation Timing of Serial Interface 1 (1/4)
1/fSC
Wait status
Shift clock
Wait released
Initialization
1 : 1
(b) When wait operation is performed (normal operation)
<1> If wait status is set at the 8th clock (normal operation)
Figure 16-20. Shift Clock Generation Timing of Serial Interface 1 (2/4)
Shift clock
Wait
Wait release period
Wait period
1/fSC
Wait released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More