| データシートサーチシステム |
|
UPD17708 データシート(PDF) 273 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 273 Page - Renesas Technology Corp |
|
273 / 358 page ![]() 271 µPD17704, 17705, 17707, 17708, 17709 Note that data must be set to the PLLSCNF flag before a write (PUT) instruction is executed to the PLL data register (PLLR). Example SET1 PLLSCNF MOV DBF0, #0 MOV DBF1, #4 MOV DBF2, #4 PUT PLLR, DBF 17.7 Status at Reset 17.7.1 At power-ON reset The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized to 1111B. 17.7.2 At WDT&SP reset The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized to 1111B. 17.7.3 On execution of clock stop instruction The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized to 1111B. 17.7.4 At CE reset The PLL frequency synthesizer is disabled because the PLL reference frequency selection register is initialized to 1111B. 17.7.5 In halt status The set status is retained if the CE pin is high. |