データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M69KB128AA データシート(PDF) 56 Page - STMicroelectronics

部品番号 M69KB128AA
部品情報  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA データシート(HTML) 56 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 52Page - STMicroelectronics M69KB128AA Datasheet HTML 53Page - STMicroelectronics M69KB128AA Datasheet HTML 54Page - STMicroelectronics M69KB128AA Datasheet HTML 55Page - STMicroelectronics M69KB128AA Datasheet HTML 56Page - STMicroelectronics M69KB128AA Datasheet HTML 57Page - STMicroelectronics M69KB128AA Datasheet HTML 58Page - STMicroelectronics M69KB128AA Datasheet HTML 59Page - STMicroelectronics M69KB128AA Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
9 DC and AC parameters
M69KB128AA
56/68
Figure 26. Synchronous Burst Read Showing End-of-Row Condition AC Waveforms (No Wrap)
1.
The WAIT signal is active Low (BCR10=0), and is asserted during delay (BCR8=0).
2.
The Chip Enable signal, E, must go High before the third Clock cycle after the WAIT signal goes Low. If BCR8 were set to
1, E would have to go Low before the fourth Clock cycle after WAIT signal goes Low.
Addr.
DQ0-DQ15
K
tKHTV
tKHKH
tKLKH, tKHKL
tF
WAIT
AI11574
E
G
LB/UB
W
DON'T CARE
DON'T CARE
tEHTZ
L
VALID
OUTPUT
VALID
OUTPUT
Low
Low
Low
High
Note 2
tEHTZ
High-Z
End of Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68