| データシートサーチシステム |
|
M69KB128AA データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M69KB128AA データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 68 page ![]() M69KB128AA 6 Synchronous operating modes 23/68 Table 6. Synchronous Read Operations (NOR-Flash Synchronous mode) Synchronous Operations(1) 1. Burst Read Interrupt, Suspend and Terminate are described in dedicated paragraph of the Section 6: Synchronous operating modes. Power K E L W G LB, UB WAIT CR A19 A18 A0- A22(2) 2. Except A18 and A19. DQ15- DQ0 Initial Burst Read Active (ICC) = VIL VIL VIH X VIL Low-Z VIL Valid Valid Valid Output Valid Subsequent Burst Read = VIL VIH XX VIL (3) 3. The above table shows the device behavior if both LB and UB are asserted, VIL. If either LB or UB is High, VIH, only one Byte will be input or output, according to the status of W. VIL X Output Valid Read Configuration Register (CR Controlled Method) = VIL VIL VIH VIL VIL VIH 00(RCR) 10(BCR) X1(DIDR) X RCR/ BCR/ DIDR Content No Operation Active (ICC)VIL VIL XX X X VIL XX Standby Standby (IPASR) VIL VIH XX X X High- Z VIL XHigh-Z Deep Power-Down Deep Power- Down (ICCPD) VIL VIH XX X X X X High-Z |