| データシートサーチシステム |
|
M69KB128AA データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M69KB128AA データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 68 page ![]() M69KB128AA 9 DC and AC parameters 51/68 Figure 22. CR Controlled Configuration Register Program, Asynchronous Mode 1. Only the content of the Bus Configuration Register (BCR) and Refresh Configuration Register (RCR) can be modified. 2. Data Inputs/Outputs are not used. 3. The Opcode is the value to be written the configuration register. 4. W must go High after L goes High 5. CR is latched on the rising edge of L. There is no setup requirement of CR with respect to E. AI09467f Addr. (Except A18-A19) OPCODE(3) tLHLL L E G W A18-A19 00(RCR), 01 (BCR) tLLLH tWLWH CR A0-A15 Latched into Register tRHLH tLHRL LB, UB Access to Configuration Register tLHAX tAVLH |