データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M69KB128AA データシート(PDF) 12 Page - STMicroelectronics

部品番号 M69KB128AA
部品情報  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA データシート(HTML) 12 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 8Page - STMicroelectronics M69KB128AA Datasheet HTML 9Page - STMicroelectronics M69KB128AA Datasheet HTML 10Page - STMicroelectronics M69KB128AA Datasheet HTML 11Page - STMicroelectronics M69KB128AA Datasheet HTML 12Page - STMicroelectronics M69KB128AA Datasheet HTML 13Page - STMicroelectronics M69KB128AA Datasheet HTML 14Page - STMicroelectronics M69KB128AA Datasheet HTML 15Page - STMicroelectronics M69KB128AA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
2 Signal descriptions
M69KB128AA
12/68
2.13
VCC Supply Voltage
The VCC Supply Voltage is the core supply voltage.
2.14
VCCQ Supply Voltage
VCCQ provides the power supply for the I/O pins. This allows all Outputs to be powered
independently from the core power supply, VCC.
2.15
VSS Ground
The VSS Ground is the reference for all voltage measurements.
2.16
VSSQ Ground
VSSQ ground is the reference for the input/output circuitry driven by VCCQ. VSSQ must be
connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68