データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M69KB128AA データシート(PDF) 26 Page - STMicroelectronics

部品番号 M69KB128AA
部品情報  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA データシート(HTML) 26 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 22Page - STMicroelectronics M69KB128AA Datasheet HTML 23Page - STMicroelectronics M69KB128AA Datasheet HTML 24Page - STMicroelectronics M69KB128AA Datasheet HTML 25Page - STMicroelectronics M69KB128AA Datasheet HTML 26Page - STMicroelectronics M69KB128AA Datasheet HTML 27Page - STMicroelectronics M69KB128AA Datasheet HTML 28Page - STMicroelectronics M69KB128AA Datasheet HTML 29Page - STMicroelectronics M69KB128AA Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
6 Synchronous operating modes
M69KB128AA
26/68
Figure 5.
Switching from Asynchronous to Synchronous Write operation
Figure 6.
Refresh Collision during Synchronous Read Operation in Variable Latency mode
1.
Additional Wait states are inserted to allow Refresh completion.
The latency is set to 3 clock cycles (BCR13-BCR11 = 010). The WAIT must be active Low, VIL, (BCR10 = 0) and asserted
during delay (BCR8= 0).
Addr.
K
AI10203
E
W
L
VALID
tAVWL
tELKH
A0-A22
WAIT
DQ0-DQ15
K
Additional WAIT states inserted
to allow Refresh completion
Address
Valid
AI11275b
L
E
G
W
Hi Z
Hi Z
LB/UB
Q0
Q1
Q2
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68