データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M69KB128AA データシート(PDF) 63 Page - STMicroelectronics

部品番号 M69KB128AA
部品情報  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA データシート(HTML) 63 Page - STMicroelectronics

Back Button M69KB128AA Datasheet HTML 59Page - STMicroelectronics M69KB128AA Datasheet HTML 60Page - STMicroelectronics M69KB128AA Datasheet HTML 61Page - STMicroelectronics M69KB128AA Datasheet HTML 62Page - STMicroelectronics M69KB128AA Datasheet HTML 63Page - STMicroelectronics M69KB128AA Datasheet HTML 64Page - STMicroelectronics M69KB128AA Datasheet HTML 65Page - STMicroelectronics M69KB128AA Datasheet HTML 66Page - STMicroelectronics M69KB128AA Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
M69KB128AA
9 DC and AC parameters
63/68
Figure 32. Burst Write Interrupted by Burst Write or Read AC Waveforms
1.
The latency Type (BCR14) can be set to fixed or variable.The Latency is set to 3 clock cycles (BCR13-BCR11 = 101).
WAIT is active Low (BCR10=0), and is asserted during delay (BCR8=0). All Burst operations are given for variable latency
and no refresh collision.
2.
The Burst Write is interrupted during the first allowable clock cycle, i.e. after the first Word written to the memory.
3.
E, can remain Low, VIL, between burst operations, but it must not remain Low for longer than tELEH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68