データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3919B データシート(PDF) 4 Page - Microchip Technology

部品番号 MCP3919B
部品情報  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B データシート(HTML) 4 Page - Microchip Technology

  MCP3919B Datasheet HTML 1Page - Microchip Technology MCP3919B Datasheet HTML 2Page - Microchip Technology MCP3919B Datasheet HTML 3Page - Microchip Technology MCP3919B Datasheet HTML 4Page - Microchip Technology MCP3919B Datasheet HTML 5Page - Microchip Technology MCP3919B Datasheet HTML 6Page - Microchip Technology MCP3919B Datasheet HTML 7Page - Microchip Technology MCP3919B Datasheet HTML 8Page - Microchip Technology MCP3919B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
MCP3919B
DS20006995A-page 4
 2025 Microchip Technology Inc. and its subsidiaries
Integral Nonlinearity
INL
5
ppm
Measurement Error
ME
0.1
%
Measured with a 10,000:1 dynamic
range (from 600 mVPeak to
60 µVPeak),
AVDD =DVDD = 3V, measurement
points averaging time: 20 seconds,
measured on each channel pair
(CH0/1, CH1/2)
Differential Input
Impedance
ZIN
232
k
G = 1, proportional to 1/AMCLK
142
k
G = 2, proportional to 1/AMCLK
72
k
G = 4, proportional to 1/AMCLK
38
k
G = 8, proportional to 1/AMCLK
36
k
G = 16, proportional to 1/AMCLK
33
k
G = 32, proportional to 1/AMCLK
Signal-to-Noise and
Distortion Ratio (Note 1)
SINAD
92
93.5
dB
Total Harmonic Distortion
(Note 1)
THD
-107
-103
dBc
Includes the first 35 harmonics
Signal-to-Noise Ratio
(Note 1)
SNR
92
94
dB
Spurious-Free Dynamic
Range (Note 1)
SFDR
112
dBFS
Crosstalk (50, 60 Hz)
CTALK
-122
dB
Note 4
AC Power
Supply Rejection
AC PSRR
-73
dB
AVDD =DVDD = 3V + 0.6 VPP,
50/60 Hz, 100/120 Hz
DC Power
Supply Rejection
DC PSRR
-73
dB
AVDD = DVDD = 2.7V to 3.6V
DC Common-Mode
Rejection
DC CMRR
-100
dB
VCM from -1V to +1V
TABLE 1-1:
ANALOG SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 3V; MCLK = 4 MHz;
PRE[1:0] = 00; OSR = 256; GAIN = 1; VREFEXT = 0; CLKEXT = 1; DITHER[1:0] = 11; BOOST[1:0] = 10; VCM =0V;
TA = -40°C to +125°C; VIN = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Dynamic performance specified at -0.5 dB below the maximum differential input value,
VIN =1.2 VPP =424 mVRMS @ 50/60 Hz, VREF =1.2V. See Section 4.0 “Terminology and Formulas”
for definition. This parameter is established by characterization and not 100% tested.
2: For these operating currents, the following Configuration bit settings apply: SHUTDOWN[2:0] = 000,
RESET[2:0] = 000, VREFEXT = 0, CLKEXT = 0.
3: For these operating currents, the following Configuration bit settings apply: SHUTDOWN[2:0] = 111,
VREFEXT = 1, CLKEXT = 1.
4: Measured on one channel versus all others channels. The specification is the average of crosstalk
performance over all channels (see Figure 2-32 for individual channel performance).
5: Applies to all gains. Offset and gain errors depend on the PGA gain setting; see Section 2.0 “Typical
Performance Curves” for typical performance.
6: Outside of this range, ADC accuracy is not specified. An extended input range of ±2V can be applied
continuously to the part with no damage.
7: For proper operation and for optimizing ADC accuracy, limiting AMCLK to the maximum frequency defined in
Table 5-2, as a function of the BOOST and PGA settings chosen is recommended. MCLK can take larger values
as long as the prescaler settings (PRE[1:0]) limit AMCLK = MCLK/PRESCALE in the defined range in Table 5-2.
8: This parameter is established by characterization and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com