データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3919B データシート(PDF) 49 Page - Microchip Technology

部品番号 MCP3919B
部品情報  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B データシート(HTML) 49 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 45Page - Microchip Technology MCP3919B Datasheet HTML 46Page - Microchip Technology MCP3919B Datasheet HTML 47Page - Microchip Technology MCP3919B Datasheet HTML 48Page - Microchip Technology MCP3919B Datasheet HTML 49Page - Microchip Technology MCP3919B Datasheet HTML 50Page - Microchip Technology MCP3919B Datasheet HTML 51Page - Microchip Technology MCP3919B Datasheet HTML 52Page - Microchip Technology MCP3919B Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006995A-page 49
MCP3919B
7.0
TWO-WIRE SERIAL
INTERFACE DESCRIPTION
7.1
OVERVIEW
The Two-Wire Interface mode is designed for applications
that require galvanic isolation. It allows a minimum
number of digital isolator channels, specifically one
bidirectional or two unidirectional channels to be
connected to the MCP3919B when interfacing through an
isolation barrier. This functionality reduces the total
system cost in an isolated applications system like a
polyphase shunt-based energy meter. It is recommended
to use the MCP3919B with the Two-Wire mode for digi-
tally isolated applications and with the SPI mode for other
applications where galvanic isolation is not required.
The principle of this Two-Wire Interface mode is simple:
it has a Serial Clock Input (SCK/MCLK) pin and a Serial
Data Output (SDO) pin, and it automatically sends
output data in packets (frames) at a DRCLK data rate
(every time new data are available on the ADC out-
puts). It has no serial input pin to diminish the number
of isolated channels. At the same time, the Serial Clock
(SCK) pin also becomes the Master Clock (MCLK)
input pin of the device and the part becomes fully
synchronous with SCK = MCLK. The system then
becomes fully synchronous and can be driven by only
one master clock for multiple phases, which ensures
proper synchronization and constant phase angle
between phases, which is important for an energy
metering application.
The SDO pin becomes the only output of the device
and is fully synchronous with the serial/master clock.
The SDO pin is never in high-impedance in this mode
and is, by default, at logic low when not transmitting
data. The SDO pin Idles logic low in this mode because
most of the digital isolator devices consume less
current in a logic low state than in a logic high state.
This effectively reduces the total power consumption of
a system with digital isolation devices.
When the part has entered Two-Wire mode, the logic
pins, RESET, SDI, CS, OSC1 and DR, become logic
input pins for the configuration of the device (respec-
tively, OSR0/OSR1/BOOST/GAIN0/GAIN1). These pins
need to have well-defined logic states for low-power
applications. These pins define the only settings that can
be modified in Two-Wire mode.
The MDAT0/1 pins are always disabled and kept in a
high-impedance state during the Two-Wire Interface
mode. These pins can be grounded for applications
exclusively using the Two-Wire Interface mode so that
the EMI/EMC susceptibility of the part is improved.
FIGURE 7-1:
MCP3919B Two-Wire Interface Typical Application Schematic.
7.2
Two-Wire Mode Configuration
Settings
When the user wants to exclusively use the Two-Wire
Interface mode in digitally isolated applications, the
OSC2 pin should always be in a logic high state, start-
ing from the power-up of the part. Otherwise, the user
can change the interface mode by toggling the OSC2/
MODE pin within a POR, a Hard Reset or a Watchdog
Timer Reset; the MODE pin is latched when exiting one
of these three types of Reset. When the part has
entered Two-Wire mode, the entire part configuration
keeps
its
default
settings
(see
Section 9.0
“MCP3919B Internal Registers” for the default set-
tings of all internal registers), except for the configura-
tion of the GAIN in Channel 0, the OSR and the BOOST
settings.
In Two-Wire Interface mode, the input pins, OSR0/OSR1/
BOOST/GAIN0/GAIN1, are latched on the OSC2/MODE
rising edge and should typically be directly connected
to DVDD or DGND, depending on the desired configura-
tion. These pins define the only configurable settings in
Two-Wire mode. If more settings are required by the
SDO
GAIN1
SCK/MCLK
OSR0
BOOST
CH0+
CH0-
CH1+
CH1-
MCP3919B
ANALOG
DIGITAL
SINC
3
-
+
PGA
GAIN=1x
SINC
3
-
+
PGA
Modulator
MOD<3:0>
MOD<7:4>
Modulator
Isolator
Isolator
2-wire
Interface
OSR1
To SPI Ports
Of an MCU
GAIN0
MDAT0
MDAT1
Logic inputs
connected
to DVDD or
DGND
Main MCU/
CPU Board
Isolation
Barrier
Optional
connections to 2
additional isolators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com