データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3919B データシート(PDF) 8 Page - Microchip Technology

部品番号 MCP3919B
部品情報  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B データシート(HTML) 8 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 4Page - Microchip Technology MCP3919B Datasheet HTML 5Page - Microchip Technology MCP3919B Datasheet HTML 6Page - Microchip Technology MCP3919B Datasheet HTML 7Page - Microchip Technology MCP3919B Datasheet HTML 8Page - Microchip Technology MCP3919B Datasheet HTML 9Page - Microchip Technology MCP3919B Datasheet HTML 10Page - Microchip Technology MCP3919B Datasheet HTML 11Page - Microchip Technology MCP3919B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
MCP3919B
DS20006995A-page 8
 2025 Microchip Technology Inc. and its subsidiaries
TABLE 1-3:
SERIAL AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at DVDD = 2.7 to 3.6V;
TA = -40°C to +125°C; GAIN = 1; CLOAD = 30 pF.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Serial Clock Frequency
fSCK
——
20
MHz
CS Setup Time
tCSS
25
ns
CS Hold Time
tCSH
50
ns
CS Disable Time
tCSD
50
ns
Data Setup Time
tSU
5—
ns
Data Hold Time
tHD
10
ns
Serial Clock High Time
tHI
20
ns
Serial Clock Low Time
tLO
20
ns
Serial Clock Delay Time
tCLD
50
ns
Serial Clock Enable Time
tCLE
50
ns
Output Valid from SCK Low
tDO
——
25
ns
Output Hold Time
tHO
0—
ns
Note 1
Output Disable Time
tDIS
——
25
ns
Note 1
Reset Pulse Width (RESET)tMCLR
100
ns
Data Transfer Time to DR
(Data Ready)
tDODR
——
25
ns
Note 2
Data Ready Pulse Low Time
tDRP
1/(2 x DMCLK)
µs
Two-Wire Mode Enable Time
tMODE
——
50
ns
Two-Wire Mode Watchdog
Timer
tWATCH
3.6
35
µs
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is established by characterization and not production tested.
TABLE 1-4:
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7 to 3.6V; DVDD = 2.7 to 3.6V.
Parameters
Sym.
Min.
Typ.
Max.
Units.
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+125
°C
Note 1
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 28-Lead SSOP
JA
—80
°C/W
Thermal Resistance, 28-Lead QFN
JA
—41
°C/W
Note 1: The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com