データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3919B データシート(PDF) 79 Page - Microchip Technology

部品番号 MCP3919B
部品情報  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B データシート(HTML) 79 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 73Page - Microchip Technology MCP3919B Datasheet HTML 74Page - Microchip Technology MCP3919B Datasheet HTML 75Page - Microchip Technology MCP3919B Datasheet HTML 76Page - Microchip Technology MCP3919B Datasheet HTML 77Page - Microchip Technology MCP3919B Datasheet HTML 78Page - Microchip Technology MCP3919B Datasheet HTML 79Page - Microchip Technology MCP3919B Datasheet HTML 80Page - Microchip Technology MCP3919B Datasheet HTML 81Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006995A-page 83
MCP3919B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3919B: Three-Channel Analog Front-End Converter
Address Options:
XX
A6
A5
A0
= 0
0
A1*
= 0
1
A2
= 1
0
A3
= 1
1
* Default option. Contact Microchip factory for other address
options.
Tape and Reel Option: Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature Range:
E
= -40°C to +125°C
Package:
MQ
SS
=
=
Plastic Quad Flat, No Lead, 5x5x0.9 mm Body (QFN)
Plastic Shrink Small Outline, 5.30 mm Body (SSOP)
Examples:
a) MCP3919BA1-E/SS:
Address Option A1,
Extended Temperature,
28-Lead SSOP package
b) MCP3919BA1T-E/SS:
Address Option A1,
Tape and Reel,
Extended Temperature,
28-Lead SSOP package
c) MCP3919BA1-E/MQ:
Address Option A1,
Extended Temperature,
28-Lead QFN package
d) MCP3919BA1T-E/MQ: Address Option A1,
Tape and Reel,
Extended Temperature,
28-Lead QFN package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.
PART NO.
X
Temperature
Range
Device
/XX
Package
XX
Address
Option
[X](1)
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com