データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3919B データシート(PDF) 63 Page - Microchip Technology

部品番号 MCP3919B
部品情報  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B データシート(HTML) 63 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 59Page - Microchip Technology MCP3919B Datasheet HTML 60Page - Microchip Technology MCP3919B Datasheet HTML 61Page - Microchip Technology MCP3919B Datasheet HTML 62Page - Microchip Technology MCP3919B Datasheet HTML 63Page - Microchip Technology MCP3919B Datasheet HTML 64Page - Microchip Technology MCP3919B Datasheet HTML 65Page - Microchip Technology MCP3919B Datasheet HTML 66Page - Microchip Technology MCP3919B Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
 2025 Microchip Technology Inc. and its subsidiaries
DS20006995A-page 63
MCP3919B
bit 15
EN_CRCCOM: CRC-16 Checksum on Serial Communications Enable bit
1 = CRC-16 checksum is provided at the end of each communication sequence (therefore ,each com-
munication is longer); the CRC-16 message is the complete communication sequence (see
Section 6.9 “Securing Read Communications Through CRC-16 Checksum” for more details)
0 = Disabled (default)
bit 14
EN_INT: CRCREG Interrupt Function Enable bit
1 = The interrupt flag for the CRCREG checksum verification is enabled. The Data Ready pin (DR) will
become logic low and stays logic low if a CRCREG checksum error happens. This interrupt is
cleared if the LOCK[7:0] value is made equal to the password value (0xA5).
0 = The interrupt flag for the CRCREG checksum verification is disabled. The CRCREG[15:0] bits are
still calculated properly and can still be read in this mode. No interrupt is generated, even when a
CRCREG checksum error happens (default).
bit 13-12
Reserved: Keep equal to ‘0’ at all times
bit 11-3
Unimplemented: Read as ‘0’
bit 2-0
DRSTATUS[2:0]: Individual ADC Channel Data Ready Status bit
DRSTATUS[n] = 1 – Channel CHn data are not ready (default)
DRSTATUS[n] = 0 – Channel CHn data are ready. The status bit is set back to ‘1’ after reading the
STATUSCOM register. The status bit is not set back to ‘1’ by the read of the corresponding channel ADC data.
REGISTER 9-5:
STATUSCOM REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com