データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3919B データシート(PDF) 44 Page - Microchip Technology

部品番号 MCP3919B
部品情報  3V Three-Channel Analog Front End
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919B データシート(HTML) 44 Page - Microchip Technology

Back Button MCP3919B Datasheet HTML 40Page - Microchip Technology MCP3919B Datasheet HTML 41Page - Microchip Technology MCP3919B Datasheet HTML 42Page - Microchip Technology MCP3919B Datasheet HTML 43Page - Microchip Technology MCP3919B Datasheet HTML 44Page - Microchip Technology MCP3919B Datasheet HTML 45Page - Microchip Technology MCP3919B Datasheet HTML 46Page - Microchip Technology MCP3919B Datasheet HTML 47Page - Microchip Technology MCP3919B Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
MCP3919B
DS20006995A-page 44
 2025 Microchip Technology Inc. and its subsidiaries
6.5.1
CONTINUOUS READ
The
STATUSCOM
register
contains
the
read
communication loop settings for the internal Register
Address Pointer (READ[1:0] bits). For continuous Read
modes, the address selection can take the following four
values:
Any SDI data coming after the control byte are not con-
sidered during a continuous read communication. The
following figures represent a typical, continuous read
communication on all six ADC channels in TYPES mode
with the default settings (DR_LINK = 1, READ[1:0] = 10,
WIDTH_DATA[1:0] = 01) in the case of SPI Mode 0,0
(Figure 6-7) and SPI Mode 1,1 (Figure 6-8).
In SPI Mode (1,1), the SDO pin stays in the last state (LSB
of previous data) after a complete reading, which also
allows seamless continuous Read mode (see Figure 6-8).
FIGURE 6-7:
Typical Continuous Read Communication (WIDTH_DATA[1:0] = 01, SPI Mode 0,0).
FIGURE 6-8:
Typical Continuous Read Communication (WIDTH_DATA[1:0] = 01, SPI Mode 1,1).
TABLE 6-1:
ADDRESS SELECTION IN
CONTINUOUS READ
READ[1:0]
Register Address Set Grouping
for Continuous Read
Communications
00
Static (no incrementation)
01
Groups
10
Types (default)
11
Full Register Map
Note:
For continuous reading of ADC data in
SPI Mode 0,0 (see Figure 6-7), once the
data have been completely read after a
data ready, the SDO pin will take the MSB
value of the previous data at the end of the
reading (falling edge of the last SCK
clock). If SCK stays Idle at logic low (by
definition of Mode 0,0), the SDO pin will
be updated at the falling edge of the next
data ready pulse (synchronously with the
DR pin falling edge with an output timing
of tDODR) with the new MSB of the data
corresponding to the data ready pulse.
This mechanism allows the MCP3919B to
continuously read ADC data outputs
seamlessly, even in SPI Mode (0,0).
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
0x01
24x
DATA_CH0
Starts read sequence at
address 00000
DATA_CH1
24x
24x
DATA_CH0
DATA_CH1
24x
Don’t care
DR
DATA_CH0
<23>
New data
DATA_CH0
<23>
Old data
DATA_CH2
DATA_CH2
24x
24x
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
0x01
24x
DATA_CH0
Starts read sequence at
address 00000
Complete READ sequence on ADC
outputs channels 0 to 1
DATA_CH1
24x
24x
DATA_CH0
DATA_CH1
24x
Don’t care
DR
Stays at
DATA_CH2<0>
Complete READ sequence on new ADC
outputs channels 0 to 1
24x
24x
DATA_CH2
DATA_CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com