| データシートサーチシステム |
|
EPC635 データシート(PDF) 76 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 データシート(HTML) 76 Page - Espros Photonics corp |
|
76 / 97 page ![]() TCMI ESM_FE TCMI ESM frame end label 0x1D Bit No. 7 6 5 4 3 2 1 0 Bit name TCMI ESM_FE[7:0] Operation RW Default 0 1 1 1 0 0 0 1 0xE1 TCMI ESM_FE: TCMI embedded synchronization mode frame end label. Refer to chapter 5.9.4. TCMI ESM_LS TCMI ESM line start label 0x1E Bit No. 7 6 5 4 3 2 1 0 Bit name TCMI ESM_LS[7:0] Operation RW Default 1 0 1 0 1 0 1 0 0xAA TCMI ESM_LS: TCMI embedded synchronization mode line start label. Refer to chapter 5.9.4. TCMI ESM_LE TCMI ESM line end label 0x1F Bit No. 7 6 5 4 3 2 1 0 Bit name TCMI ESM_LE[7:0] Operation RW Default 0 1 0 1 0 1 0 1 0x55 TCMI ESM_LE: TCMI embedded synchronization mode line endt label. Refer to chapter 5.9.4. 8.6.4. Strap_ Strap_hi Strap Scan Value Hold Register (high) 0x20 Bit No. 15 14 13 12 11 10 9 8 Bit name reserved strap14 strap13 reserved Operation R Default 0 0 0 0 0 0 0 0 0x00 Note: Description see below Strap_lo register © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 76 / 97 Datasheet_epc635-V1.02 www.espros.com |