| データシートサーチシステム |
|
EPC635 データシート(PDF) 87 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC635 データシート(HTML) 87 Page - Espros Photonics corp |
|
87 / 97 page ![]() 8.7.13. INTM_ INTM_hi ** Shutter control: Integration time multiplier (high) 0xA0 Bit No. 15 14 13 12 11 10 9 8 Bit name reserved INTM[9:8] Operation RW Default 0 0 0 0 0 0 0 0 0x00 Note: Description see INTM_lo ** INTM_lo ** Shutter control: Integration time multiplier (low) 0xA1 Bit No. 7 6 5 4 3 2 1 0 Bit name INTM[7:0] Operation RW Default 0 0 0 0 0 0 0 1 0x01 INTM: Multiplier of the basic integration length set in Int_len Note: Minimum INTM value = 1 8.7.14. Int_len_ Int_len_hi ** Shutter control: Integration time (high) 0xA2 Bit No. 15 14 13 12 11 10 9 8 Operation RW Default 0 0 0 0 0 1 1 1 0x07 Note: Description see Int_len_lo ** Int_len_lo ** Shutter control: Integration time(low) 0xA3 Bit No. 7 6 5 4 3 2 1 0 Operation RW Default 1 1 1 1 1 1 1 0xFF Int_len: Number of mod_clk periods for the integration time. Default = 2'047: Integration time = INTM * (Int_len + 1) * tmod_clk = 25.6µs Note: (Int_len + 1) should be evenly divisible by 4. Min Int_len = 7 (100ns). © 2017 ESPROS Photonics Corporation Characteristics subject to change without notice 87 / 97 Datasheet_epc635-V1.02 www.espros.com |