| データシートサーチシステム |
|
UPD17708 データシート(PDF) 106 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17708 データシート(HTML) 106 Page - Renesas Technology Corp |
|
106 / 358 page ![]() µPD17704, 17705, 17707, 17708, 17709 104 (3) Port 0C bit I/O selection register Name Flag symbol b3 P 0 C B I O 3 b2 P 0 C B I O 2 b1 P 0 C B I O 1 b0 P 0 C B I O 0 Address (BANK15) 6DH Read/Write R/W Port 0C bit I/O selection Power-ON reset WDT&SP reset CE reset Clock stop 0 1 Sets P0C0 pin in input mode Sets P0C0 pin in output mode Sets input/output mode of port Retained Retained Sets P0C1 pin in input mode Sets P0C1 pin in output mode Sets input/output mode of port 0 1 Sets P0C2 pin in input mode Sets P0C2 pin in output mode Sets input/output mode of port 0 1 Sets P0C3 pin in input mode Sets P0C3 pin in output mode Sets input/output mode of port 0 1 0 0 0 0 0 0 0 0 |