| データシートサーチシステム |
|
FALXT972MCCA4 データシート(PDF) 20 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FALXT972MCCA4 データシート(HTML) 20 Page - Intel Corporation |
|
20 / 92 page ![]() Intel ® LXT972M Single-Port 10/100 Mbps PHY Transceiver 20 Datasheet Document Number: 302875-005 Revision Date: 27-Oct-2005 Table 11 lists pin types and modes of the LXT972M Transceiver. Note: • DH = Driven High (Logic 1) • DL = Driven Low (Logic 0) • HZ = High Impedance • ID = Internal Pull-Down (Weak) Table 11. Intel ® LXT972M Transceiver Pin Types and Modes Modes RXD3:0 RX_DV Tx/Rx CLKS Output RX_ER Output COL Output CRS Output TXD3:0 Input TX_EN Input HWReset DL DL DH DL DL DL ID ID SFTPWRDN DL DL Active DL DL DL ID ID ISOLATE HZ with ID HZ with ID HZ with ID HZ with ID HZ with ID HZ with ID ID ID |