データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FALXT972MCCA4 データシート(PDF) 30 Page - Intel Corporation

部品番号 FALXT972MCCA4
部品情報  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 データシート(HTML) 30 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 26Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 27Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 28Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 29Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 30Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 31Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 32Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 33Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
30
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Figure 5 shows the initialization sequence for the LXT972M Transceiver. The configuration bits
may be set by the Hardware Control or MDIO interface.
Figure 5. Initialization Sequence for Intel
® LXT972M Transceiver
Reset MDIO Registers to
values read at H/W
Control Interface at last
Hardware Reset or
Power-Up Reset
Pass Control to MDIO
Interface
Power-up or Reset
Initialize MDIO Registers
Read H/W Control
Interface
Software
Reset?
Yes
B3502-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92