| データシートサーチシステム |
|
FALXT972MCCA4 データシート(PDF) 44 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FALXT972MCCA4 データシート(HTML) 44 Page - Intel Corporation |
|
44 / 92 page ![]() Intel ® LXT972M Single-Port 10/100 Mbps PHY Transceiver 44 Datasheet Document Number: 302875-005 Revision Date: 27-Oct-2005 5.7.2 Collision Indication Figure 15 shows normal transmission. Upon detection of a collision, the COL output is asserted and remains asserted for the duration of the collision as shown in Figure 16. Figure 15. 100BASE-TX Transmission with No Errors DA DA DA DA DA DA DA DA DA TX_CLK TX_EN TXD<3:0> CRS COL PR E A M B L E B3470-01 Figure 16. 100BASE-TX Transmission with Collision JAM TX_CLK TX_EN TXD<3:0> CRS COL PR E A M B L E JAM JAM JAM B3471-01 |