データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FALXT972MCCA4 データシート(PDF) 60 Page - Intel Corporation

部品番号 FALXT972MCCA4
部品情報  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 データシート(HTML) 60 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 56Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 57Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 58Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 59Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 60Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 61Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 62Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 63Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
60
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Figure 21 shows a typical media independent interface (MII) for the LXT972M Transceiver.
Figure 21. Intel
® LXT972M Transceiver Typical Media Independent Interface
MAC
TX_EN
TXD[3:0]
TX_CLK
RX_DV
RX_ER
RXD[3:0]
CRS
COL
RX_CLK
Intel®
LXT972M
Transceiver
Trans-
former
RJ-45
B3480-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92