| データシートサーチシステム |
|
FALXT972MCCA4 データシート(PDF) 43 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FALXT972MCCA4 データシート(HTML) 43 Page - Intel Corporation |
|
43 / 92 page ![]() Intel ® LXT972M Single-Port 10/100 Mbps PHY Transceiver Datasheet 43 Document Number: 302875-005 Revision Date: 27-Oct-2005 Figure 13 shows normal reception with no errors. As shown in Figure 14, when the LXT972M Transceiver receives invalid symbols from the line, it asserts RX_ER. Figure 13. 100BASE-TX Reception with No Errors RX_CLK RX_DV RXD<3:0> RX_ER preamble SFD SFD DA DA DA DA CRC CRC CRC CRC B3468-01 Figure 14. 100BASE-TX Reception with Invalid Symbol RX_CLK RX_DV RXD<3:0> RX_ER preamble SFD SFD DA DA XX XX XX XX XX XX XX XX XX XX B3469-01 |