データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 50 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 50 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 46Page - STMicroelectronics L9908_V01 Datasheet HTML 47Page - STMicroelectronics L9908_V01 Datasheet HTML 48Page - STMicroelectronics L9908_V01 Datasheet HTML 49Page - STMicroelectronics L9908_V01 Datasheet HTML 50Page - STMicroelectronics L9908_V01 Datasheet HTML 51Page - STMicroelectronics L9908_V01 Datasheet HTML 52Page - STMicroelectronics L9908_V01 Datasheet HTML 53Page - STMicroelectronics L9908_V01 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 152 page
background image
5.11.2
VBP monitor
VBP voltage level is monitored be means of the dedicated UV and OV diagnosis. Hysteresis on thresholds and
filtering time is implemented.
If VBP ≤ VBP_uv_th occurs for an interval longer than T_vbp_uv_flt filtering time, the VBP_UV flag is set. The
error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
If VBP ≥ VBP_ov_th occurs for an interval longer than T_vbp_ov_flt filtering time, the VBP_OV flag is set. The
error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
The correct operation VBP Level monitor is safety relevant and then a self-check procedure is implemented.
The under-voltage threshold VBP_uv_th can be configured by dedicated SPI bits within the
SAFETY_RELEVANT3 register as follows:
Table 45. VBP monitor UV threshold configuration bits
VBP_UV_CFG1
VBP_UV_CFG0
Description
0
0
12 V Systems (Defaults)
0
1
24 V Systems
1
0
48 V Systems
1
1
VBP UV Disabled
The over-voltage threshold VBP_ov_th can be configured by dedicated SPI bits within the SAFETY_RELEVANT2
register as follows:
Table 46. VBP monitor OV threshold configuration bits
VBP_OV_CFG1
VBP_OV_CFG0
Description
0
0
12 V Systems 1
0
1
12 V Systems 2
1
0
24 V Systems 1
1
1
24 V Systems 2 (Defaults)
The filter time on under/over voltage diagnosis T_vbp_uv_flt/ T_vbp_ov_flt can be configured by dedicated SPI
bits within the SAFETY_RELEVANT3 register as follows:
Table 47. VBP monitor filtering configuration bits
VBP_FLT_CFG1
VBP_FLT_CFG0
Description
0
0
12.25 μs (Defaults)
0
1
25 μs
1
0
50 μs
1
1
100 μs
L9908
Functional description
DS13546 - Rev 5
page 50/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com