データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 87 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 87 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 83Page - STMicroelectronics L9908_V01 Datasheet HTML 84Page - STMicroelectronics L9908_V01 Datasheet HTML 85Page - STMicroelectronics L9908_V01 Datasheet HTML 86Page - STMicroelectronics L9908_V01 Datasheet HTML 87Page - STMicroelectronics L9908_V01 Datasheet HTML 88Page - STMicroelectronics L9908_V01 Datasheet HTML 89Page - STMicroelectronics L9908_V01 Datasheet HTML 90Page - STMicroelectronics L9908_V01 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
Note:
00 and 01 configurations are intended to be used when the current to be read is only positive (DC-LINK
configuration)
10 and 11 configurations should be used when the current to be read is either positive or negative (Single
Leg)
The 11-bit unsigned word feeds a cascaded of a 10-bit resistive string DAC and a Voltage Buffer that converts the
digital code into the corresponding analog signal referred to the full scale voltage.
DRV gain can be configured by means of dedicated SPI bits to adjust the current monitor output range to the μC
ADC input range as follows:
Table 78. Current monitors output gain configuration
CSM_OUT_RANGE_CFG
Description
0
VCSO = 3.3 V (Default)
1
VCSO = 5 V
To ensure output signal stability, a RC low-pass filter is recommended on CSOn pins; refer to
Section 6: Application circuit and the related Section 6.3: Bill of materials for details.
Table 79. Current monitor`s analog output characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Notes
Current monitor analog output
CM_out_range_max
CSOn output range
max
Iload = 250 μA
-
-
0.11
V
-
CM_out_range_min
CSOn output range
min
Iload = -250 μA
CSMn_OUT_RANGE_CFG = 1
CSMn_OUT_RANGE_CFG = 0
4.8
3.28
-
VDD
3.32
V
-
Current monitor analog output Resolution
CM_out__dac_res
CM DAC resolution
-
-
11
-
bits
Design
information
CM_out_dac_lsb
CM DAC LSB
-
-
2.441
1.611
-
mV
Design
information
Current monitor analog output dynamic characteristics
CM_out_dac_data_rate CM DAC sample rate
-
-
1.25
-
MHz
Application
information
CM_out_dac_pos_st1
CM DAC positive
settling time 1
23 to 1023 LSB transition
RLP = 1 kΩ
CLP = 270 pF
-
-
0.8
μs
-
CM_out_dac_pos_st2
CM DAC positive
settling time 2
1023 to 2048 LSB transition
RLP = 1 kΩ
CLP = 270 pF
-
-
0.8
μs
-
CM_out_dac_neg_st1
CM DAC negative
settling time 1
2048 to 1023 LSB transition
RLP = 1 kΩ
CLP = 270 pF
-
-
0.8
μs
-
CM_out_dac_neg_st2
CM DAC negative
settling time 2
1023 to 23 LSB transition
RLP = 1 kΩ
CLP = 270 pF
-
-
0.8
μs
-
L9908
Functional description
DS13546 - Rev 5
page 87/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com