データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 69 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 69 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 65Page - STMicroelectronics L9908_V01 Datasheet HTML 66Page - STMicroelectronics L9908_V01 Datasheet HTML 67Page - STMicroelectronics L9908_V01 Datasheet HTML 68Page - STMicroelectronics L9908_V01 Datasheet HTML 69Page - STMicroelectronics L9908_V01 Datasheet HTML 70Page - STMicroelectronics L9908_V01 Datasheet HTML 71Page - STMicroelectronics L9908_V01 Datasheet HTML 72Page - STMicroelectronics L9908_V01 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
Figure 43. Shoot-through protection on Ext. FET Vgs functional operation
Note:
VGS STD Filter integrates Vgs_LSn/Vgs_HSn timing overlap on multiple PWM periods, in this way STD Fault on
Ext. FET Vgs can be detected also in case minimum timing overlaps are spread over multiple and not adjacent
periods.
The STD diagnosis can be disabled on the single half bridge by a dedicated SPI bit as follows:
Table 63. Shoot-Through Protection on PWM inputs enable bit
STPn_PWM_DIS
Description
0
Shoot-through protection on PWM input enabled (Default)
1
Shoot-through protection on PWM input disabled
Table 64. Shoot-Through Protection on Ext. FET VGS enable bit
STPn_VGS_DIS
Description
0
Shoot-through protection on FET Vgs enabled (Default)
1
Shoot-through protection on FET Vgs disabled
The T_stp_flt configuration for the n-th pre-driver can be set by a dedicated SPI bit as follows:
Table 65. Shoot-Through Protection on PWM inputs filtering configuration bits
STPn_PWM_CFG1
STPn_PWM_CFG0
Description
0
0
0.2 μs (Defaults)
0
1
0.5 μs
1
0
1 μs
1
1
1.5 μs
Table 66. Shoot-Through Protection on Ext. FET VGS filtering configuration bits
STPn_VGS_CFG1
STPn_VGS_CFG0
Description
0
0
0.2 μs (Defaults)
0
1
0.5 μs
L9908
Functional description
DS13546 - Rev 5
page 69/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com