データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 97 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 97 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 93Page - STMicroelectronics L9908_V01 Datasheet HTML 94Page - STMicroelectronics L9908_V01 Datasheet HTML 95Page - STMicroelectronics L9908_V01 Datasheet HTML 96Page - STMicroelectronics L9908_V01 Datasheet HTML 97Page - STMicroelectronics L9908_V01 Datasheet HTML 98Page - STMicroelectronics L9908_V01 Datasheet HTML 99Page - STMicroelectronics L9908_V01 Datasheet HTML 100Page - STMicroelectronics L9908_V01 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
Figure 72. OND blanking and filtering (VDS_LSn example), single fault
Where:
1. LSn gate drive rising edge → T_ond_blank is elapsed comparator output masking is released; VSLn-VSHn >
VDS_ond_th → LSn_STB comparator output is set to 1;T_ond_flt counter +1; LSn gate drive falling edge →
comparator output masking is enabled → T_ond_flt counter freeze.
2. LSn gate drive rising edge → T_ond_blank is elapsed comparator output masking is released; VSLn-VSHn <
VDS_ond_th → LSn_STB comparator output is set to 0; T_ond_flt counter -1; LSn gate drive falling edge →
comparator output masking is enabled → T_ond_flt counter freeze.
The correct operation OND stage is safety relevant and then a self-check procedure is implemented.
Table 91. OND electrical characteristics
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
OND_th_lsb
VDS monitoring threshold step
-
-
27
-
mV Not subject to production test
OND_th_acc1
VDS monitoring thresholds
accuracy 1
0.594 V < VDH
SHS_n < 1.7 V
0.594 V < SHS_n-
SLS_n < 1.7 V
-4.5
-
4.5
%
16x < VDS_HS/LH_TH < 3Fx
OND_th_acc2
VDS monitoring thresholds
accuracy 2
0.324 V < VDH-
SHS_n < 0.594 V
0.324 V < SHS_n-
SLS_n < 0.594 V
-6
-
6
%
Cx < VDS_HS/LH_TH < 16x
OND_th_acc3
VDS monitoring thresholds
accuracy 3
0.162 V < VDH-
SHS_n < 0.324 V
0.162 V < SHS_n-
SLS_n < 0.324 V
-10
-
10
%
6x < VDS_HS/LH_TH < Cx
OND_th_acc4
VDS monitoring thresholds
accuracy 4
0.081 V < VDH-
SHS_n < 0.162 V
0.081 V < SHS_n-
SLS_n < 0.162 V
-15
-
15
%
4x < VDS_HS/LH_TH < 6x
L9908
Functional description
DS13546 - Rev 5
page 97/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com