データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 100 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 100 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 96Page - STMicroelectronics L9908_V01 Datasheet HTML 97Page - STMicroelectronics L9908_V01 Datasheet HTML 98Page - STMicroelectronics L9908_V01 Datasheet HTML 99Page - STMicroelectronics L9908_V01 Datasheet HTML 100Page - STMicroelectronics L9908_V01 Datasheet HTML 101Page - STMicroelectronics L9908_V01 Datasheet HTML 102Page - STMicroelectronics L9908_V01 Datasheet HTML 103Page - STMicroelectronics L9908_V01 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 152 page
background image
Table 94. PVF output redirection selection bit
PVF_OUT_CFG0
PVF_OUT_CFG0
Description
0
0
PVF1 xor PVF2 xor PVF3 is output (Default)
0
1
PVF1 is output
1
0
PVF2 is output
1
1
PVF3 is output
5.16.1
CSO3 - PVF multiplexing
For pin saving purpose PVF and CSO3 outputs are multiplexed on the same pin and can be selected by
CSO3_DIS bit in the register SAFETY_RELEVANT2:
Table 95. CSO3-PVFn output multiplexing selection bits
CSO3_DIS
Description
0
CSO3/PVM pin used a CM3 output (Default)
1
CSO3/PVM pin used a PVFn output
5.17
Actuation Timers (ACT)
L9908 implements an additional built-in feature which measures cycle by cycle the on or the off time windows
applied to each phase either on INLn or on PVFn signals. This feature is performed by three dedicated 11-bit
accumulators which count the number of clock cycles (CLK/8) fitting the time window.
Figure 75. Actuation Timer simplified block diagram
To allow the maximum flexibility against the time window to be measured, either positive or negative, timers can
be configured by a proper SPI bit set to be run in negative or positive polarity so that the time is triggered
respectively by the falling or the rising of the reference signal and stopped by the opposite edge.
Table 96. Actuation Timers configuration bits
ACT_CFG1
ACT_CFG0
Description
0
0
PVF Negative Polarity (Default)
0
1
PVF Positive Polarity
1
0
INL Negative Polarity
1
1
INL Positive Polarity
L9908
Functional description
DS13546 - Rev 5
page 100/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com