データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 61 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 61 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 57Page - STMicroelectronics L9908_V01 Datasheet HTML 58Page - STMicroelectronics L9908_V01 Datasheet HTML 59Page - STMicroelectronics L9908_V01 Datasheet HTML 60Page - STMicroelectronics L9908_V01 Datasheet HTML 61Page - STMicroelectronics L9908_V01 Datasheet HTML 62Page - STMicroelectronics L9908_V01 Datasheet HTML 63Page - STMicroelectronics L9908_V01 Datasheet HTML 64Page - STMicroelectronics L9908_V01 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 152 page
background image
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
DRV_ls_on_dly
LS Pre-driver switch ON total
propagation delay
(T_logic_+T_ls_on_dly)
Rload = 2 kΩ
INLn*0.5 to GLS_n*0.1
[n = 1,2,3]
170
-
400
ns
-
DRV_ls_off_dly
LS Pre-driver switch OFF total
propagation delay
(T_logic_+T_ls_off_dly)
Rload = 2 kΩ
INLn*0.5 to GLS_n*0.9
[n = 1,2,3]
170
-
400
ns
-
DRV_on_dly_match
Pre-drivers switch ON propagation
delay matching (phase to phase)
-
0
-
75
ns
-
DRV_off_dly_match
Pre-drivers switch OFF propagation
delay matching (phase to phase)
-
0
-
75
ns
-
DRV_hs_trise
HS Pre-driver rise time
Cload = 33 nF
GHS_n 1 V to 7 V SHS_n
= 0 V
[n = 1,2,3]
50
-
300
ns
-
DRV_hs_tfall
HS Pre-driver fall time
Cload = 33 nF
GHS_n 1 V to 7 V SHS_n
= 0 V
[n = 1,2,3]
50
-
300
ns
-
DRV_ls_trise
LS Pre-driver rise time
Cload = 33 nF
GLS_n 1 V to 7 V
[n = 1,2,3]
50
-
250
ns
-
DRV_ls_tfall
LS Pre-driver fall time
Cload = 33 nF
GLS_n 1 V to 7 V
[n = 1,2,3]
50
-
250
ns
-
DRV_on_dly_match
Pre-drivers rise time matching
(phase to phase)
-
0
-
20
ns
-
DRV_on_dly_match
Pre-drivers fall time matching
(phase to phase)
-
0
-
20
ns
-
1. The maximum allowed frequency is retrieved from the maximum average allowed current consumption from VPRE:
Where: N is the number of Ext. FETs and Qg is the FET`s gate charge. So that if for example Qg = 150 nC the maximum
fpwm allowed is close to 60 kHz (being Iload_max = 55 mA).
2. This D.C. limitation shall be adopted to guarantee the minimum Vgs on HS FETs over the whole battery operative range.
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
L9908
Functional description
DS13546 - Rev 5
page 61/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com