データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 68 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 68 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 64Page - STMicroelectronics L9908_V01 Datasheet HTML 65Page - STMicroelectronics L9908_V01 Datasheet HTML 66Page - STMicroelectronics L9908_V01 Datasheet HTML 67Page - STMicroelectronics L9908_V01 Datasheet HTML 68Page - STMicroelectronics L9908_V01 Datasheet HTML 69Page - STMicroelectronics L9908_V01 Datasheet HTML 70Page - STMicroelectronics L9908_V01 Datasheet HTML 71Page - STMicroelectronics L9908_V01 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
In addition to STP, an interlocking protection function on INHn and INLn is implemented: when the main logic
processes a rising edge event on INHn/INLn a masking on the opposite signal (INLn/INHn respectively) is applied
for the entire duration of the INHn/INLn on pulse. During this interval any rising edge on the opposite signal is
ignored. In case INHn/INLn rising edge is synchronous then INLn has the priority.
The interlocking protection is always active and cannot be disabled.
Figure 41. Interlocking protection on PWM inputs: functional operation
Figure 42. Shoot-Through diagnosis on PWM inputs: functional operation
Note:
PWM STD Filter integrates INHn/INLn timing overlap on multiple PWM periods, in this way STD Fault on PWM
inputs can be detected also in case minimum timing overlaps are spread over multiple and not adjacent periods.
The second diagnosis level consists in a dedicated digital counter for each half bridge (HS/LS couple) set/reset by
the logic NOR of the HS/LS VGS comparators and integrates the time interval where the HS and the LS are on
together.
If HSn_OFF=LSn_OFF=’0’ occurs for an interval longer than T_stp_vgs_flt the flag STP_VGS_n is set. The error
flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
L9908
Functional description
DS13546 - Rev 5
page 68/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com