データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 99 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 99 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 95Page - STMicroelectronics L9908_V01 Datasheet HTML 96Page - STMicroelectronics L9908_V01 Datasheet HTML 97Page - STMicroelectronics L9908_V01 Datasheet HTML 98Page - STMicroelectronics L9908_V01 Datasheet HTML 99Page - STMicroelectronics L9908_V01 Datasheet HTML 100Page - STMicroelectronics L9908_V01 Datasheet HTML 101Page - STMicroelectronics L9908_V01 Datasheet HTML 102Page - STMicroelectronics L9908_V01 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
PVF_TH_CFG
Description
VPVF_TH_L = VDH*0.4
Table 93. PVF electrical characteristics
Symbol
Parameter
Min Typ Max Unit Notes
PPVF_th_acc
PVF thresholds accuracy
-6.5
-
6.5
%
-
PPVF_th_match
PVF thresholds matching
-8
-
8
%
-
PPVF_htol_dly
PVF high to low propagation delay
-
-
200
ns
-
PPVF_ltoh_dly
PVF low to high propagation delay
-
-
200
ns
-
PPVF_dly_match
PVF propagation delay matching (phase vs. phase)
-
10
30
ns
-
PPVF_htol_ltoh_dly_match
PVF propagation delay matching (single phase - rise to fall)
-
20
35
ns
-
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
Figure 74. Phase voltage feedback behavior
The state of PVF comparators is echoed into dedicated SPI readable registers PVFn_ECHO, in the register
GEN_STATUS3.
To save pin-count the phase comparator outputs are multiplexed to one single output pin CSO3/PVM.
The selection of which phase comparators output can be configured by means of a dedicated SPI bit set as
follows:
L9908
Functional description
DS13546 - Rev 5
page 99/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com