データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 85 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 85 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 81Page - STMicroelectronics L9908_V01 Datasheet HTML 82Page - STMicroelectronics L9908_V01 Datasheet HTML 83Page - STMicroelectronics L9908_V01 Datasheet HTML 84Page - STMicroelectronics L9908_V01 Datasheet HTML 85Page - STMicroelectronics L9908_V01 Datasheet HTML 86Page - STMicroelectronics L9908_V01 Datasheet HTML 87Page - STMicroelectronics L9908_V01 Datasheet HTML 88Page - STMicroelectronics L9908_V01 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
Figure 62. T&H sampling timing diagram - zero current (offset) + command edge-triggering
5.13.2.3
Digital format current information
The current measurement is available in digital format right after the T&H block and can be read through a
dedicated SPI signal (CMn_READ in CHn_STATUS2 register).
Current Measurement reconstruction formula
Internal conversion data read-out via CMn_READ registers:
ILOADRsℎunt=ΔCM_in_LSB_15bit×DCMn_READ
(17)
Where: DCMn_READ is the digital word stored in CMn_READ and ΔCM_in_LSB_15bit is the input ADC quantization step
re-defined as follows:
ΔCM_in_LSB_15bit=CMinputADCLSB
24
(18)
Table 75. Digital format current information LSB
VCM_MAX
ΔCM_in_LSB_15bit
±7 mV
0.628 μV
±18 mV
1.256 μV
±36 mV
2.517 μV
±90 mV
6.293 μV
±160 mV
11.329 μV
±300 mV
20.141 μV
DCMn_READ coding in two`s complement.
Example:
L9908
Functional description
DS13546 - Rev 5
page 85/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com