データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 55 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 55 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 51Page - STMicroelectronics L9908_V01 Datasheet HTML 52Page - STMicroelectronics L9908_V01 Datasheet HTML 53Page - STMicroelectronics L9908_V01 Datasheet HTML 54Page - STMicroelectronics L9908_V01 Datasheet HTML 55Page - STMicroelectronics L9908_V01 Datasheet HTML 56Page - STMicroelectronics L9908_V01 Datasheet HTML 57Page - STMicroelectronics L9908_V01 Datasheet HTML 58Page - STMicroelectronics L9908_V01 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 152 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
Notes
CP2_iout2
Charge pump2 load
current
CP1_lin_mode_th < VBP ≤ 60 V
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
-
-
10
mA [n = 1,2,3]
CP2_vout1
Charge pump2 output
voltage at CBS_n-SHS-n
5.5 V ≤ VBP ≤ CP1_lin_mode_th
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
8
-
-
V
[n = 1,2,3]
CP2_vout2
Charge pump2 output
voltage at CBS_n-SHS-n
CP1_lin_mode_th < VBP ≤ 60 V
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
8
-
-
V
[n = 1,2,3]
CP2_freq
Charge pump2 frequency
-
-
400
-
kHz
Not subject to
production test
BT_lim2_ilim
BT charge limiter2
limitation current
SHS_n = VDH
INHn = 1
-8
-
-1
mA [n = 1,2,3]
BT_lim2_vlim
BT charge limiter2
limitation voltage
SHS_n = 0
BT1_DIS = 1
7
10
14
V
[n = 1,2,3]
CBT_boot_time_HB
CBT boot time at high
battery (VBP & VDH > 10
V)
SHS_n = 0
CBT = 1 μF
CBS_n 0 V to 7 V
0.25
-
0.5
ms [n=1,2,3]
CBT_boot_time_LB
CBT boot time at low
battery (VBP & VDH < 10
V)
SHS_n = 0
CBT = 1 μF
CBS_n 0 V to 7 V
0.5
-
1
ms [n=1,2,3]
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
Bootstrap capacitance and bootstrap limiter 1 (BT1)
Bootstrap capacitance has the purpose of delivering the charge required for the external HS FET turn on
translating its voltage level over VDH.
These capacitances are charged from the C_VPRE through BT1n circuitries during the n-th half bridge (1-
D)*Tpwm interval (where Tpwm is the PWM period and D is the half bridge duty cycle).
BT1 develops this function by ensuring at the same time a current limitation to avoid in-rush current when CBS
are depleted and an overvoltage protection during HS turn-on phases and related voltage swing.
If bootstrap limiter 1 is disabled the charging path from VPRE is interrupted and bootstrap capacitors must be
charged by other means, for example, from CP2. Bootstrap limiter 1 can be disabled by the dedicated SPI bit
BT1_DIS within the register GEN_CFG3 as follows:
Table 52. Bootstrap limiter 1 disable bit
BT1_DIS
Description
0
Bootstrap limiter 1 enabled (Default)
1
Bootstrap limiter 1 disabled
L9908
Functional description
DS13546 - Rev 5
page 55/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com