データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 103 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 103 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 99Page - STMicroelectronics L9908_V01 Datasheet HTML 100Page - STMicroelectronics L9908_V01 Datasheet HTML 101Page - STMicroelectronics L9908_V01 Datasheet HTML 102Page - STMicroelectronics L9908_V01 Datasheet HTML 103Page - STMicroelectronics L9908_V01 Datasheet HTML 104Page - STMicroelectronics L9908_V01 Datasheet HTML 105Page - STMicroelectronics L9908_V01 Datasheet HTML 106Page - STMicroelectronics L9908_V01 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
Figure 78. Temperature monitor ADC characteristics
The temperature measurement data are stored in a dedicated register and can be retrieved by SPI readout of
TEMP_READ in the register GEN_TEMP_STATUS.
The temperature can be retrieved by the following formula:
Tj C∘ = 1.37C∘×DTEMP_READ −77.4C∘
(25)
Where: DTEMP_READ is the digital word stored in TEMP_READ.
The digitized temperature information is compared by two hysteresis comparators with selectable threshold based
on the following scheme:
If DTEMP ≥ DTEMP_WR_TH occurs for an interval longer than T_otm_wr_flt filtering time, the OTM_WR flag is
set. The error flag remains set until the failure condition is removed.
If DTEMP ≥ DTEMP_SD_TH (= 185deg.) occurs for an interval longer than T_otm_sd_flt filtering time, the
OTM_SD flag is set. The error flag remains set until the failure condition is removed and the flag is cleared by the
SPI command.
The thermal Warning threshold can be configured by the following SPI bit sets:
Table 100. Thermal warning configuration bits
TWN_CFG1
TWN_CFG0
Description
0
0
130 deg.
L9908
Functional description
DS13546 - Rev 5
page 103/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com