データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 118 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 118 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 114Page - STMicroelectronics L9908_V01 Datasheet HTML 115Page - STMicroelectronics L9908_V01 Datasheet HTML 116Page - STMicroelectronics L9908_V01 Datasheet HTML 117Page - STMicroelectronics L9908_V01 Datasheet HTML 118Page - STMicroelectronics L9908_V01 Datasheet HTML 119Page - STMicroelectronics L9908_V01 Datasheet HTML 120Page - STMicroelectronics L9908_V01 Datasheet HTML 121Page - STMicroelectronics L9908_V01 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 152 page
background image
Register name Address
Field name
Type Bit offset Bit width Reset value Reset
NSR
UNUSED_1
RO
9
1
0x0
B
UNUSED_0
RO
8
1
0x0
B
BIST_KEY
0x55 --> 0x33 SELF TEST mode access
RW
0
8
0x0
B
Table 118. CFG_EN_UNLOCK
Register name
Address
Field name
Type Bit offset Bit width Reset value Reset
CFG_EN_UNLOCK
0xE
UNUSED_7
RO
15
1
0x0
B
NSR
UNUSED_6
RO
14
1
0x0
B
UNUSED_5
RO
13
1
0x0
B
UNUSED_4
RO
12
1
0x0
B
UNUSED_3
RO
11
1
0x0
B
UNUSED_2
RO
10
1
0x0
B
UNUSED_1
RO
9
1
0x0
B
UNUSED_0
RO
8
1
0x0
B
CFG_EN_UNLOCK
0x55 --> 0x33: CONFIG mode access
0xAA: CONFIG mode exit
RW
0
8
0x0
B
Table 119. SAFETY_RELEVANT1
Register name
Address
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
SAFETY_RELEVANT1
0x10
FS_FLAG_CFG
0: Push-pull (Default)
1: Open-drain
RW
15
1
0x0
B
SSR
UNUSED_0
RW
13
2
0x0
B
VBP_OV_REACT_CFG
00: Full SW off – disable all HB drivers and
CPs, device is sent in SAFE-OFF mode
(Default)
01: Reduced operation mode – disable failing
HB only, device remains in NORMAL mode
10: Flag only – down-rate fault to simple
warning, device remains in NORMAL mode
11: Flag only – down-rate fault to simple
warning, device remains in NORMAL mode
RW
11
2
0x0
B
VBP_UV_REACT_CFG
RW
9
2
0x0
B
VDH_OV_REACT_CFG
RW
7
2
0x0
B
VDH_UV_REACT_CFG
RW
5
2
0x0
B
CRC
RW
0
5
0x17
B
L9908
Functional description
DS13546 - Rev 5
page 118/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com