データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV2310 データシート(PDF) 50 Page - STMicroelectronics

部品番号 STV2310
部品情報  Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2310 データシート(HTML) 50 Page - STMicroelectronics

Back Button STV2310 Datasheet HTML 46Page - STMicroelectronics STV2310 Datasheet HTML 47Page - STMicroelectronics STV2310 Datasheet HTML 48Page - STMicroelectronics STV2310 Datasheet HTML 49Page - STMicroelectronics STV2310 Datasheet HTML 50Page - STMicroelectronics STV2310 Datasheet HTML 51Page - STMicroelectronics STV2310 Datasheet HTML 52Page - STMicroelectronics STV2310 Datasheet HTML 53Page - STMicroelectronics STV2310 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 112 page
background image
Functional Description
STV2310
50/112
UDW Coding for CC
In Closed Caption (CC) systems, a nibble split algorithm is applied. In all bytes, bit 6 is the even
parity check of bits 5 to 0. Bit 7 is the complement of bit 6.
● CCUD00: This byte provides the LSB contents of the CC 1st byte of data.
● CCUD01: This byte provides the MSB contents of the CC 1st byte of data.
● CCUD10: This byte provides the LSB contents of the CC 2nd byte of data.
● CCUD11: This byte provides the MSB contents of the CC 2nd byte of data.
● CCUDL0: This byte provides the contents of the CC bytes parity check.
● CCUDL1: This byte is static and provide no information.
CCP0:Closed Caption parity flag of the first byte
CCP1:Closed Caption parity flag of the second byte
Table 21: UDW Coding for CC
ADF
DID
SDID
DC
CCUD
00
CCUD
01
CCUD
10
CCUD
11
CCUD
L0
CCUD
L1
FIL0
FIL1
CS
bit
76543
210
0
0
CC3
CC2
CC1
CC0
bit
765432
10
0
0
CC7
CC6
CC5
CC4
bit
76543
210
0
0
CC11
CC10
CC9
CC8
bit
7
6
5
4
3
2
1
0
0
0
CC15
CC14
CC13
CC12
bit
76543
210
0
0
0
0
CCP1
CCP0
bit
76543
210
10000
000