データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAI-08052 データシート(PDF) 8 Page - ON Semiconductor

部品番号 KAI-08052
部品情報  Interline CCD Image Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08052 データシート(HTML) 8 Page - ON Semiconductor

Back Button KAI-08052 Datasheet HTML 4Page - ON Semiconductor KAI-08052 Datasheet HTML 5Page - ON Semiconductor KAI-08052 Datasheet HTML 6Page - ON Semiconductor KAI-08052 Datasheet HTML 7Page - ON Semiconductor KAI-08052 Datasheet HTML 8Page - ON Semiconductor KAI-08052 Datasheet HTML 9Page - ON Semiconductor KAI-08052 Datasheet HTML 10Page - ON Semiconductor KAI-08052 Datasheet HTML 11Page - ON Semiconductor KAI-08052 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
KAI−08052
www.onsemi.com
8
Table 6. KAI−08052−ABA AND KAI−08052−QBA CONFIGURATIONS WITH MAR GLASS
Description
Symbol
Min.
Nom.
Max.
Units
Sampling
Plan
Temperature
Tested At
(5C)
Notes
Peak Quantum Efficiency
QEmax
48
%
Design
Peak Quantum Efficiency
Wavelength
lQE
535
nm
Design
Quantum Efficiency (850 nm)
QEmax
12
%
Design
Quantum Efficiency (920 nm)
QEmax
5
%
Design
Table 7. KAI−08052−ABA CONFIGURATIONS WITH TAPED CLEAR GLASS
Description
Symbol
Min.
Nom.
Max.
Units
Sampling
Plan
Temperature
Tested At
(5C)
Notes
Peak Quantum Efficiency
(No Glass)
QEmax
48
%
Design
Peak Quantum Efficiency
Wavelength (No Glass)
lQE
535
nm
Design
Table 8. KAI−08052−FBA AND KAI−08052−QBA CONFIGURATIONS WITH MAR GLASS
Description
Symbol
Min.
Nom.
Max.
Units
Sampling
Plan
Temperature
Tested At
(5C)
Notes
Peak Quantum Efficiency
Blue
Green
Red
QEmax
38
41
42
%
Design
Peak Quantum Efficiency
Wavelength
Blue
Green
Red
lQE
460
535
615
nm
Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com