データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAI-08052 データシート(PDF) 14 Page - ON Semiconductor

部品番号 KAI-08052
部品情報  Interline CCD Image Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08052 データシート(HTML) 14 Page - ON Semiconductor

Back Button KAI-08052 Datasheet HTML 10Page - ON Semiconductor KAI-08052 Datasheet HTML 11Page - ON Semiconductor KAI-08052 Datasheet HTML 12Page - ON Semiconductor KAI-08052 Datasheet HTML 13Page - ON Semiconductor KAI-08052 Datasheet HTML 14Page - ON Semiconductor KAI-08052 Datasheet HTML 15Page - ON Semiconductor KAI-08052 Datasheet HTML 16Page - ON Semiconductor KAI-08052 Datasheet HTML 17Page - ON Semiconductor KAI-08052 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
KAI−08052
www.onsemi.com
14
Table 11. OPERATION CONDITIONS FOR DEFECT TESTING AT 275C
Description
Condition
Notes
Operational Mode
Two outputs, using VOUTa and VOUTc, continuous readout
HCCD Clock Frequency
20 MHz
Pixels Per Line
3520
1
Lines Per Frame
1360
2
Line Time
177.8 ms
Frame Time
241.8 ms
Photodiode Integration Time
(PD_Tint)
Mode A: PD_Tint = Frame Time = 241.8 ms, no electronic shutter used
Mode B: PD_Tint = 33 ms, electronic shutter used
VCCD Integration Time
224.0 ms
3
Temperature
27°C
Light Source
Continuous red, green and blue LED illumination
4
Operation
Nominal operating voltages and timing
1. Horizontal overclocking used.
2. Vertical overclocking used.
3. VCCD Integration Time = 1260 lines x Line Time, which is the total time a pixel will spend in the VCCD registers.
4. For monochrome sensor, only the green LED is used.
Table 12. DEFECT DEFINITIONS FOR TESTING AT 275C
Description
Definition
Standard Grade
Notes
Major dark field defective bright pixel
PD_Tint = Mode A → Defect ≥ 30 mV
or
PD_Tint = Mode B → Defect ≥ 4.6 mV
80
1
Major bright field defective dark pixel
Defect ≥ 12%
Cluster defect
A group of 2 to 10 contiguous major defective pixels, but no
more than 3 adjacent defects
horizontally.
15
2
Column defect
A group of more than 10 contiguous major
defective pixels along a single column
0
2
1. For the Bayer color device (KAI−08052−FBA), a bright field defective pixel deviates by 12% with respect to pixels of the same color.
2. Column and cluster defects are separated by no less than two (2) good pixels in any direction (excluding single pixel defects).
Defect Map
The defect map supplied with each sensor is based upon
testing at an ambient (27
°C) temperature. Minor point
defects are not included in the defect map. All defective
pixels are reference to pixel 1, 1 in the defect maps. See
Figure 14: Regions of interest for the location of pixel 1,1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com